|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MODEL HM53 SERIES High Power Low Cost Inductors NEW PRODUCT FEATURES AND BENEFITS * High current capability * Single layer, cost effective design * Available in two styles - horizontal and vertical APPLICATIONS * * * * Switching power supplies Motor control circuits Differential EMI filters Inductor for general purpose use and ripple filters ELECTRICAL / ENVIRONMENTAL Insulation Resistance, Minimum Operating Temperature Range Ambient Temperature, Maximum Insulation System Temperature Rise, Maximum Specifications subject to change without notice. Last Update: 01/06/2003. 100 Megohms -40C to +125C 85C Class B, 130C 40C 6 6-93 Model HM53 Series SPECIFICATIONS Part Number HM53-001R1 V or H HM53-001R6 V or H HM53-001R8 V or H HM53-001R9 V or H HM53-002R0 V or H HM53-003R0 V or H HM53-005R5 V or H HM53-007R8 V or H HM53-009R5 V or H HM53-10111 V or H HM53-10171 V or H HM53-10180 V or H HM53-10320 V or H HM53-10351 V or H HM53-10531 V or H HM53-10650 V or H HM53-10701 V or H HM53-108R0 V or H HM53-20101 V or H HM53-20171 V or H HM53-20190 V or H HM53-20350 V or H HM53-20351 V or H HM53-20521 V or H HM53-20580 V or H HM53-20710 V or H HM53-20710 V or H HM53-208R0 V or H Inductance (1) Control Value H 20% 1.4 1.7 2.6 2.7 2.8 4.4 7.9 11.1 13.5 151.7 250.9 25.3 50.3 505.0 754.4 104.0 1000.4 10.1 148.0 251.1 25.0 50.0 499.4 749.3 73.9 101.7 101.7 10.6 Rated (2) Inductance H Typ. 1.1 1.6 1.8 1.9 2.0 3.1 5.5 7.8 9.5 106.4 175.2 17.9 32.3 354.3 529.2 65.2 701.4 8.0 103.6 175.4 19.1 35.0 349.0 521.9 58.1 70.8 70.8 8.0 Rated Current DC Amps 14.0 8.0 15.0 10.0 8.5 13.5 8.5 5.7 9.0 2.3 2.2 2.0 2.6 1.9 2.4 2.4 2.1 3.0 4.0 4.2 4.0 4.9 3.3 3.4 2.5 4.3 4.3 6.0 DC Resistance m Max. 2.6 3.7 3.5 5.1 4.8 4.5 8.9 12.9 8.1 165.9 224.2 20.5 59.1 375.1 468.1 108.6 679.4 10.5 70.5 96.0 20.3 29.1 136.4 225.4 59.9 48.5 48.5 8.3 ETop(3) V-S Max. 14 10 14 9 10 16 25 31 51 112 156 58 70 326 370 90 300 36 246 352 73 103 609 865 132 188 188 44 Energy Storage J Min. 112 51 204 95 72 280 199 127 384 282 424 36 109 639 1524 188 1547 36 829 1547 153 420 1901 3016 181 655 655 144 Notes: (1) Inductance measured at 100kHz, 0.1V without DC current. (2) Value with rated DC current and the operating ETop across the inductor. (3) Applied Volt-Time Product (V.S) across the inductor. Value represents the V.S at 50kHz and total losses for 40C temperature rise. 6-94 Model HM53 Series SPECIFICATIONS Part Number HM53-30101 V or H HM53-30150 V or H HM53-30181 V or H HM53-30350 V or H HM53-30580 V or H HM53-30690 V or H HM53-306R8 V or H HM53-40111 V or H HM53-40150 V or H HM53-40360 V or H HM53-40550 V or H HM53-40710 V or H HM53-407R0 V or H HM53-50150 V or H HM53-50370 V or H HM53-50550 V or H HM53-50700 V or H HM53-507R0 V or H HM53-60130 V or H HM53-60350 V or H HM53-607R0 V or H Inductance (1) Control Value H 20% 150.6 21.3 254.4 49.6 78.0 97.2 9.7 152.8 14.5 52.3 74.5 101.4 10.0 21.2 52.4 77.6 99.4 10.0 19.2 50.2 9.9 Rated (2) Inductance H Typ. 105.4 14.9 178.2 34.9 58.5 67.9 6.8 106.8 14.7 36.5 54.8 71.1 7.0 14.8 36.7 54.2 69.5 7.0 13.5 35.1 6.9 Rated Current DC Amps 7.5 9.3 8.1 9.4 4.0 7.5 11.1 10.5 14.5 10.2 6.0 9.1 13.5 16.0 12.7 10.5 13.0 20.9 29.5 21.0 29.3 DC Resistance m Max. 45.6 17.8 48.2 21.9 40.9 31.0 8.3 29.8 11.5 18.3 26.1 21.2 7.9 8.2 15.2 21.1 13.6 5.6 4.8 9.2 4.3 ETop (3) V-S Max. 389 56 636 144 181 253 32 486 75 178 209 357 41 107 234 290 427 50 154 268 80 Energy Storage J Min. 2965 643 5846 1542 468 1908 418 5887 1540 1900 987 2945 638 1896 2959 2988 5874 1535 5861 7737 2975 Notes: (1) Inductance measured at 100kHz, 0.1V without DC current. (2) Value with rated DC current and the operating ETop across the inductor. (3) Applied Volt-Time Product (V.S) across the inductor. Value represents the V.S at 50kHz and total losses for 40C temperature rise. 6 6-95 Model HM53 Series OUTLINE DIMENSIONS (Inch/mm) Part Number HM53-001R1 V or H HM53-001R6 V or H HM53-001R8 V or H HM53-001R9 V or H HM53-002R0 V or H HM53-003R0 V or H HM53-005R5 V or H HM53-007R8 V or H HM53-009R5 V or H HM53-10111 V or H HM53-10171 V or H HM53-10180 V or H HM53-10320 V or H HM53-10351 V or H HM53-10531 V or H HM53-10650 V or H HM53-10701 V or H HM53-108R0 V or H HM53-20101 V or H HM53-20171 V or H HM53-20190 V or H HM53-20350 V or H HM53-20351 V or H HM53-20521 V or H HM53-20580 V or H HM53-20710 V or H HM53-208R0 V or H HM53-30101 V or H HM53-30150 V or H HM53-30181 V or H HM53-30350 V or H HM53-30580 V or H HM53-30690 V or H HM53-306R8 V or H HM53-40111 V or H HM53-40150 V or H HM53-40360 V or H HM53-40550 V or H HM53-40710 V or H HM53-407R0 V or H HM53-50150 V or H HM53-50370 V or H HM53-50550 V or H HM53-50700 V or H HM53-507R0 V or H HM53-60130 V or H HM53-60350 V or H HM53-607R0 V or H Dim. OD 0.906/23.0 0.630/16.0 0.906/23.0 0.689/17.5 0.630/16.0 0.965/24.5 0.807/20.5 0.669/17.0 0.906/23.0 0.815/20.7 0.823/20.9 0.638/16.2 0.638/16.2 0.945/24.0 1.173/29.8 0.610/15.5 1.173/29.8 0.638/16.2 1.205/30.6 1.228/31.2 0.866/22.0 0.850/21.6 1.445/36.7 1.705/43.3 0.866/22.0 0.945/24.0 0.866/22.0 1.827/46.4 0.965/24.5 2.114/53.7 1.272/32.3 1.181/30.0 1.488/37.8 0.874/22.2 2.146/54.5 1.276/32.4 1.535/39.0 1.378/35.0 1.909/48.5 1.012/25.7 1.594/40.5 1.870/47.5 1.870/47.5 2.244/57.0 1.339/34.0 2.323/59.0 2.480/63.0 1.980/50.3 Dim. HT 0.551/14.0 0.433/11.0 0.551/14.0 0.449/11.4 0.433/11.0 0.551/14.0 0.512/13.0 0.531/13.5 0.748/19.0 0.370/9.4 0.512/13.0 0.315/8.0 0.354/9.0 0.602/15.3 0.685/17.4 0.488/12.4 0.673/17.1 0.315/8.0 0.449/11.4 0.748/19.0 0.354/9.0 0.535/13.6 0.583/14.8 0.717/18.2 0.354/9.0 0.654/16.6 0.354/9.0 0.780/19.8 0.654/16.6 0.957/24.3 0.744/18.9 0.512/13.0 0.661/16.8 0.547/13.9 1.000/25.4 0.780/19.8 0.661/16.8 0.630/16.0 0.858/21.8 0.709/18.0 0.709/18.0 0.839/21.3 0.839/21.3 1.083/27.5 0.843/21.4 1.102/28.0 1.417/36.0 0.945/24.0/ Dim. X 0.453/11.5 0.299/7.6 0.453/11.5 0.331/8.4 0.300/7.6 0.453/11.5 0.374/9.5 0.394/10.0 0.591/15.0 0.307/7.8 0.433/11.0 0.250/6.4 0.295/7.5 0.551/14.0 0.614/15.6 0.421/10.7 0.610/15.5 0.250/6.4 0.366/9.3 0.618/15.7 0.320/8.1 0.433/11.0 0.492/12.5 0.622/15.8 0.320/8.1 0.547/13.9 0.320/8.1 0.661/16.8 0.571/14.5 0.791/20.1 0.650/16.5 0.402/10.2 0.535/13.6 0.453/11.5 0.835/21.2 0.661/16.8 0.547/13.9 0.559/14.2 0.677/17.2 0.630/16.0 0.563/14.3 0.689/17.5 0.689/17.5 0.839/21.3 0.669/17.0 0.906/23.0 1.220/31.0 0.732/18.6 Dim. Y 0.807/20.5 0.492/12.5 0.807/20.5 0.551/14.0 0.492/12.5 0.791/20.1 0.728/18.5 0.551/14.0 0.807/20.5 0.740/18.8 0.740/18.8 0.559/14.2 0.539/13.7 0.835/21.2 1.110/28.2 0.539/13.7 1.102/28.0 0.559/14.2 1.122/28.5 1.122/28.5 0.752/19.1 0.768/19.5 1.358/34.5 1.634/41.5 0.752/19.1 0.858/21.8 0.720/18.3 1.709/43.4 0.866/22.0 1.945/49.4 1.134/28.8 1.024/26.0 1.398/35.5 0.783/19.9 2.004/50.9 1.150/29.2 1.406/35.7 1.201/30.5 1.709/43.4 0.882/22.4 1.386/35.2 1.685/42.8 1.685/42.8 1.992/50.6 1.165/29.6 1.996/50.7 2.244/57.0 1.693/43.0 Dim. T 0.054/1.38 0.043/1.10 0.054/1.38 0.043/1.10 0.043/1.10 0.054/1.38 0.043/1.10 0.043/1.10 0.054/1.38 0.020/0.52 0.020/0.52 0.034/0.86 0.023/0.58 0.020/0.52 0.020/0.52 0.023/0.58 0.018/0.46 0.038/0.96 0.031/0.80 0.035/0.89 0.039/1.00 0.035/0.89 0.028/0.71 0.031/0.80 0.031/0.80 0.035/0.89 0.046/1.17 0.049/1.24 0.035/0.89 0.054/1.38 0.044/1.11 0.039/1.00 0.049/1.24 0.044/1.11 0.068/1.73 0.054/1.38 0.054/1.38 0.048/1.21 0.068/1.73 0.054/1.38 0.068/1.73 0.068/1.73 0.064/1.63 0.085/2.15 0.068/1.73 0.106/2.69 0.106/2.69 0.095/2.41 Dim. H 0.064/1.63 0.053/1.35 0.064/1.63 0.053/1.35 0.053/1.35 0.064/1.63 0.053/1.35 0.053/1.35 0.064/1.63 0.030/0.77 0.030/0.77 0.044/1.11 0.033/0.83 0.030/0.77 0.030/0.77 0.033/0.83 0.028/0.71 0.048/1.21 0.041/1.05 0.045/1.14 0.049/1.25 0.045/1.14 0.038/0.96 0.041/1.05 0.041/1.05 0.045/1.14 0.056/1.42 0.059/1.49 0.045/1.14 0.064/1.63 0.054/1.36 0.049/1.25 0.059/1.49 0.054/1.36 0.078/1.98 0.064/1.63 0.064/1.63 0.057/1.46 0.078/1.98 0.064/1.63 0.078/1.98 0.078/1.98 0.074/1.88 0.094/2.40 0.078/1.00 0.116/2.94 0.116/2.94 0.105/2.66 6-96 Model HM53 Series OUTLINE DIMENSIONS (Inch/mm) Figure 1 - Vertical Mount "OD" Max. "HT" Max. Recommended Solder Pad Layout "X" Ref. Typ. o "H 0.1" Ref. "OD" Max. 0.197/5.0 Ref. Seating Plane "T" Typ. "X" Ref. Typ. Figure 2 - Horizontal Mount "OD" Max. "HT" Max. "OD" Max. Recommended Solder Pad Layout "Y" Ref. Typ. Seating Plane "T" Typ. ".197/5.0" Ref. "Y" Ref. Typ. o "H 0.1" Ref. 6 ORDERING INFORMATION HM53 Model Series Body Style 10 8R0 V Mounting Style: V = Vertical Mounting H = Horizontal Mounting Inductance Code: 1st two digits are significant. Last digit denotes number of trailing zeros. Values below 10H "R" denotes decimal point. 6-97 Model HM53 Series |
Price & Availability of HM53-10111H |